전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCX558 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 FCX558
상세설명  SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX558 데이터시트(HTML) 1 Page - Diodes Incorporated

  FCX558 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – MARCH 1996
FEATURES
*
400 Volt V
CEO
*P
tot= 1 Watt
COMPLEMENTARY TYPE –
FCX458
PARTMARKING DETAIL –
P58
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
V
CBO
-400
V
Collector-Emitter Voltage
V
CEO
-400
V
Emitter-Base Voltage
V
EBO
-5
V
Continuous Collector Current
I
C
-200
mA
Peak Pulse Current
I
CM
-500
mA
Power Dissipation at T
amb=25°C
P
tot
1W
Operating and Storage Temperature Range
T
j:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V
(BR)CBO
-400
V
I
C=-100µA
Collector-Emitter
Breakdown Voltage
V
(BR)CEO
-400
V
I
C=-10mA*
Emitter-Base
Breakdown Voltage
V
(BR)EBO
-5
V
I
E=-100µA
Collector Cut-Off Current
I
CBO ;ICES
-100
nA
VCB=-320V; VCES = 320V
Emitter Cut-Off Current
I
EBO
-100
nA
V
EB=-4V
Collector-Emitter
Saturation Voltage
V
CE(sat)
-0.2
-0.5
V
V
I
C=-20mA, IB=-2mA*
I
C=-50mA, IB=-6mA*
Base-Emitter
Saturation Voltage
V
BE(sat)
-0.9
V
I
C=-50mA, IB=-5mA*
Base-Emitter
Turn On Voltage
V
BE(on)
-0.9
V
IC=-50mA, VCE=-10V*
Static Forward Current
Transfer Ratio
h
FE
100
100
15
300
I
C=-1mA, VCE=-10V
I
C=-50mA, VCE=-10V*
I
C=-100mA, VCE=-10V*
Transition Frequency
f
T
50
MHz
I
C=-10mA, VCE=-20V
f=20MHz
Collector-Base
Breakdown Voltage
C
obo
5pF
V
CB=-20V, f=1MHz
Switching times
t
on
t
off
95 Typical
1600 Typical
ns
ns
I
C=-50mA, VC=-100V
I
B1=-5mA, IB2=-10mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
For typical characteristics graphs see FZT558 datasheet.
3 - 90
FCX558
C
C
B
E


유사한 부품 번호 - FCX558

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FCX558 ZETEX-FCX558 Datasheet
17Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX558 DIODES-FCX558 Datasheet
297Kb / 6P
400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 4
FCX558 DIODES-FCX558 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558Q DIODES-FCX558Q Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
FCX558QTA DIODES-FCX558QTA Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
More results

유사한 설명 - FCX558

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
BFN17 ZETEX-BFN17 Datasheet
17Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN19 ZETEX-BFN19 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST15 ZETEX-BST15 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX593 DIODES-FCX593 Datasheet
255Kb / 6P
SOT89 Silicon planar high voltage transistor
November 2006
FCX596 DIODES-FCX596 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE
November 2006
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 4
logo
Fairchild Semiconductor
FCX596TA FAIRCHILD-FCX596TA Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX596 DIODES-FCX596_15 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 2006
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com