전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMMT491 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 FMMT491
상세설명  Medium power NPN transistor in SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT491 데이터시트(HTML) 7 Page - Diodes Incorporated

  FMMT491 Datasheet HTML 1Page - Diodes Incorporated FMMT491 Datasheet HTML 2Page - Diodes Incorporated FMMT491 Datasheet HTML 3Page - Diodes Incorporated FMMT491 Datasheet HTML 4Page - Diodes Incorporated FMMT491 Datasheet HTML 5Page - Diodes Incorporated FMMT491 Datasheet HTML 6Page - Diodes Incorporated FMMT491 Datasheet HTML 7Page - Diodes Incorporated FMMT491 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FMMT491
Issue 5 - November 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline - SOT23
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
-
1.12
-
0.044
e1
1.90 NOM
0.075 NOM
A1
0.01
0.10
0.0004
0.004
E
2.10
2.64
0.083
0.104
b
0.30
0.50
0.012
0.020
E1
1.20
1.40
0.047
0.055
c
0.085
0.20
0.003
0.008
L
0.25
0.60
0.0098
0.0236
D
2.80
3.04
0.110
0.120
L1
0.45
0.62
0.018
0.024
e
0.95 NOM
0.037 NOM
-
-
-
-
-
E
e
L
e1
D
A
c
E1
L1
A1
b
3 leads



Html Pages

1 2 3 4 5 6 7 8