전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR3045CT 데이터시트(PDF) 1 Page - Pan Jit International Inc.

부품명 MBR3045CT
상세설명  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR3045CT 데이터시트(HTML) 1 Page - Pan Jit International Inc.

  MBR3045CT Datasheet HTML 1Page - Pan Jit International Inc. MBR3045CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 30,2010-REV.03
MBR3040CT SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• Guardring for overvoltage protection
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
CURRENT
40 to 200 Volts
30 Amperes
MECHANICAL DATA
• Case: TO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
• Weight: 0.0655 ounces, 1.859 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Note :
Both Bonding and Chip structure are available.
PA RA ME TE R
S YMB OL MBR3040CT MBR3045CT MBR3050CT MBR3060CT MBR3080CT MBR3090CT MBR30100CT MBR30150CT MBR30200CT UNITS
Ma xi mum Re curre nt P e ak Re ve rs e Voltag e
V
RRM
40
45
50
60
80
90
100
150
200
V
Ma xi mum RMS Vo lta g e
V
RMS
28
31 .5
35
42
56
63
70
10 5
140
V
Ma xi mum D C B lo c ki ng Vo lta ge
V
DC
40
45
50
60
80
90
100
150
200
V
Ma xi mum A verage F o rward C urre nt
I
F(AV)
30
A
P e ak F o rward S urg e C urre nt:8.3 ms s i ng le
ha lf s i ne-wave superi mposed on ra ted load
(JE D EC method)
I
FS M
275
A
Ma xi mum F o rward Vo ltage at 15A per leg
V
F
0 .7
0 .7 5
0 .8
0.9
V
Ma xi mum D C Re ve rs e C urrent
at Ra ted D C B lock i ng Voltag e
T
J =2 5
OC
T
J =1 2 5
OC
I
R
0.1
20
mA
Typ i cal Therma l Resi sta nce
R
JC
1.4
OC / W
Op erati ng Junc ti on and Storage Te mperature
Ra ng e
T
J ,T STG
-5 5 to + 1 50
-65 to + 175
OC
0.419(10.66)
0.387(9.85)
0.139(3.55)
MIN.
0.058(1.47)
0.042(1.07)
0.038(0.96)
0.019(0.50)
0.100(2.54)
0.100(2.54)
0.196(5.00)
0.163(4.16)
0.054(1.39)
0.045(1.15)
0.115(2.92)
0.080(2.03)
0.025(0.65)MAX.


유사한 부품 번호 - MBR3045CT

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
List of Unclassifed Man...
MBR3045CT ETC1-MBR3045CT Datasheet
88Kb / 2P
High Tjm Schottky Barrier Diodes
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results

유사한 설명 - MBR3045CT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com