전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMSZ5239AS 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 MMSZ5239AS
상세설명  SURFACE MOUNT SILICON ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5239AS 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  MMSZ5239AS Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5239AS Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5239AS Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5239AS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
REV.0.3-JAN.22.2010
MMSZ5229AS SERIES
Part Number
Nominal Zener Voltage
Max. Zener Impedance
Max Reverse
Leakage Current
Marking
Code
V Z @ IZT
ZZT @ I ZT
ZZK @ I ZK
IR @ VR
No m. V
Mi n. V
M a x. V
Ω
mA
Ω
mA
μAV
200 mWatts Zener Diodes
MMSZ5229AS
4.3
4.21
4.39
22
20
2000
0.25
5
1
D4
MMSZ5230AS
4.7
4.61
4.79
19
20
1900
0.25
5
2
D5
MMSZ5231AS
5.1
5
5.2
17
20
1600
0.25
5
2
E1
MMSZ5232AS
5.6
5.49
5.71
11
20
1600
0.25
5
3
E2
MMSZ5234AS
6.2
6.08
6.32
7
20
1000
0.25
5
4
E4
MMSZ5235AS
6.8
6.66
6.94
5
20
750
0.25
3
5
E5
MMSZ5236AS
7.5
7.35
7.65
6
20
500
0.25
3
6
F1
MMSZ5237AS
8.2
8.04
8.36
8
20
500
0.25
3
6
F2
MMSZ5238AS
8.7
8.53
8.87
8
20
600
0.25
3
6.5
F3
MMSZ5239AS
9.1
8.92
9.28
10
20
600
0.25
3
6.5
F4
MMSZ5240AS
10
9.8
10.2
17
20
600
0.25
3
8
F5
MMSZ5241AS
11
10.78
11.22
22
20
600
0.25
2
8.4
H1
MMSZ5242AS
12
11.76
12.24
30
20
600
0.25
1
9.1
H2
MMSZ5243AS
13
12.74
13.26
13
9.5
600
0.25
0.5
9.9
H3
MMSZ5244AS
14
13.72
14.28
15
9
600
0.25
0.1
10.5
H4
MMSZ5245AS
15
14.7
15.3
16
8.5
600
0.25
0.1
11
H5
MMSZ5246AS
16
15.68
16.32
17
7.8
600
0.25
0.1
12
J1
MMSZ5247AS
17
16.66
17.34
19
7.5
600
0.25
0.1
13
J2
MMSZ5248AS
18
17.64
18.36
21
7
600
0.25
0.1
14
J3
MMSZ5250AS
20
19.6
20.4
25
6.2
600
0.25
0.1
15
J5
MMSZ5251AS
22
21.56
22.44
29
5.6
600
0.25
0.1
17
K1
MMSZ5252AS
24
23.52
24.48
33
5.2
600
0.25
0.1
18
K2
MMSZ5254AS
27
26.46
27.54
41
5
600
0.25
0.1
21
K4
MMSZ5255AS
28
27.44
28.56
44
4.5
600
0.25
0.1
21
K5
MMSZ5256AS
30
29.4
30.6
49
4.2
600
0.25
0.1
23
M1
MMSZ5257AS
33
32.34
33.66
58
3.8
700
0.25
0.1
25
M2
MMSZ5258AS
36
35.28
36.72
70
3.4
700
0.25
0.1
27
M3
MMSZ5259AS
39
38.22
39.78
80
3.2
800
0.25
0.1
30
M4
MMSZ5260AS
43
42.14
43.86
93
3
900
0.25
0.1
33
M5
MMSZ5261AS
47
46.06
47.94
105
2.7
1000
0.25
0.1
36
N1
MMSZ5262AS
51
49.98
52.02
125
2.5
1100
0.25
0.1
39
N2



Html Pages

1 2 3 4