| 전자부품 데이터시트 검색엔진 |
|
34704 데이터시트(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
34704 데이터시트(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 54 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 37 34704 FUNCTIONAL DEVICE OPERATION LOGIC COMMANDS AND REGISTERS I2C REGISTER DISTRIBUTION Each regulator has a fault register that records any fault that occurs in that regulator. Then there is a regulator fault reporting register that the processor can access at all times to see if any fault had occurred. There are also the IC general use registers. Those registers are also split between status reporting registers and processor programmable registers. This distribution keeps each regulator’s registers bundled together which makes it easier for the user to access one regulator at a time. Addr Name D7 D6 D5 D4 D3 D2 D1 D0 $00 Reserved - $01 GENERAL1 - SDDELAY[1:0] CCDSEQ[1:0] $02 GENERAL2 - ALLOFF ONOFFA ONOFFC ONOFFD ONOFFE $03 GENERAL3 - SHTD COLDF - SSTIME[1:0] $04 VGSET1 - DVSSET1[3:0] OVUVSET1 $05 VGSET2 - TSDF1 SCF1 ILIMF1 UVF1 OVF1 DVSSTAT1 $06 REG2SET1 - DVSSET2[3:0] OVUVSET2 $07 REG2SET2 - TSDF2 SCF2 ILIMF2 UVF2 OVF2 DVSSTAT2 $08 REG3SET1 - DVSSET3[3:0] OVUVSET3 $09 REG3SET2 - TSDF3 SCF3 ILIMF3 UVF3 OVF3 DVSSTAT3 $0A REG4SET1 - DVSSET4[3:0] OVUVSET4 $0B REG4SET2 - TSDF4 SCF4 ILIMF4 UVF4 OVF4 DVSSTAT4 $0C REG5SET1 - DVSSET5[3:0] OVUVSET5 $0D REG5SET2 - SSSET5[1:0] $0E REG5SET3 - TSDF5 SCF5 ILIMF5 UVF5 OVF5 DVSSTAT5 $0F REG6SET1 - DVSSET6[3:0] OVUVSET6 $10 REG6SET2 - SSSET6[1:0] $11 REG6SET3 - TSDF6 SCF6 ILIMF6 UVF6 OVF6 DVSSTAT6 $12 REG7SET1 - DVSSET7[3:0] OVUVSET7 $13 REG7SET2 - FSW2[1:0] SSSET7[1:0] $14 REG7SET3 - UVF7 OVF7 DVSSTAT7 $15 REG8SET1 - DVSSET8[3:0] OVUVSET8 $16 REG8SET2 - ILED[3:0] REG8MODE SSSET8[1:0] $17 REG8SET3 - TSDF8 SCF8 ILIMF8 UVF8 OVF8 DVSSTAT8 $18 FAULTS FLT8 FLT7 FLT6 FLT5 FLT4 FLT3 FLT2 FLT1 $19 I2CSET1 - ACCURATE $49 REG3DAC 3DAC7 3DAC6 3DAC5 3DAC4 3DAC3 3DAC2 3DAC1 3DAC0 $58 REG7CR0 EN[1:0] - DISCHG_B - $59 REG7DAC 7DAC7 7DAC6 7DAC5 7DAC4 7DAC3 7DAC2 7DAC1 7DAC0 34704A Register Distribution Map |