전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AH183 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 AH183
상세설명  LOW POWER HALL EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH183 데이터시트(HTML) 2 Page - Diodes Incorporated

  AH183 Datasheet HTML 1Page - Diodes Incorporated AH183 Datasheet HTML 2Page - Diodes Incorporated AH183 Datasheet HTML 3Page - Diodes Incorporated AH183 Datasheet HTML 4Page - Diodes Incorporated AH183 Datasheet HTML 5Page - Diodes Incorporated AH183 Datasheet HTML 6Page - Diodes Incorporated AH183 Datasheet HTML 7Page - Diodes Incorporated AH183 Datasheet HTML 8Page - Diodes Incorporated AH183 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 8
2 of 10
NOVEMBER 2009
DS31024
www.diodes.com
© Diodes Incorporated
AH182 / AH183 - X X - X
Packing
W : SC59
Package
Lead Free
L : Lead Free
CMOS Hall-effect Switch
B : Bulk (Note 4)
7 : Tape & Reel
A : Ammo Box (Note 3)
P : SIP-3L
G : Green
Device
Package
Code
Packaging
(Note 2)
Bulk
7” Tape and Reel
Ammo Box
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AH182/AH183-PL-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
AH182/AH183-PL-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
AH182/AH183-PG-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
AH182/AH183-PG-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
AH182/AH183-WL-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
AH182/AH183-WG-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3. Ammo Box is for SIP-3L Spread Lead.
4. Bulk is for SIP-3L Straight Lead.
(1) SIP-3L
(2) SC59 (Commonly known as SOT23 in Asia)
1. Vdd
2. GND
3.
(Top view)
Output
1. Vdd
GND 2.
3. Output
(Top view)
Ordering Information
Pin Assignments
Pin Description
Pin Name
P/I/O
Pin #
Description
Vdd
P/I
1
Power Supply Input
GND
P
2
Ground
Output
O
3
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com