전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC5258-1.2BM5 데이터시트(PDF) 4 Page - Micrel Semiconductor

부품명 MIC5258-1.2BM5
상세설명  150mA 關Cap CMOS LDO Regulator w/Power Good
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5258-1.2BM5 데이터시트(HTML) 4 Page - Micrel Semiconductor

  MIC5258-1.2BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5258-1.2BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5258-1.2BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5258-1.2BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5258-1.2BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5258-1.2BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5258-1.2BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5258-1.2BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5258-1.2BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MIC5258
Micrel, Inc.
MIC5258
4
April 2006
Block Diagram
Reference
Voltage
EN
Quickstart
Under-
voltage
Lockout
Thermal
Sensor
IN
FAULT
GND
ACTIVE SHUTDOWN
PULL
UP
PULL
DOWN
Overcurrent
Dropout
Detection
Out of
Regulation
Detection
PG
OUT
Current
Amplifier
Startup/
Shutdown
Control
Error
Amplifier
Delay
1-5ms
1-5ms
Min - Max
97%
97%
89%
VOUT
VEN
VPG
Fault Condition
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com