전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC7122YMM 데이터시트(PDF) 1 Page - Micrel Semiconductor

부품명 MIC7122YMM
상세설명  Rail-to-Rail Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC7122YMM 데이터시트(HTML) 1 Page - Micrel Semiconductor

  MIC7122YMM Datasheet HTML 1Page - Micrel Semiconductor MIC7122YMM Datasheet HTML 2Page - Micrel Semiconductor MIC7122YMM Datasheet HTML 3Page - Micrel Semiconductor MIC7122YMM Datasheet HTML 4Page - Micrel Semiconductor MIC7122YMM Datasheet HTML 5Page - Micrel Semiconductor MIC7122YMM Datasheet HTML 6Page - Micrel Semiconductor MIC7122YMM Datasheet HTML 7Page - Micrel Semiconductor MIC7122YMM Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2005
1
MIC7122
MIC7122
Micrel
MIC7122
Micrel
MIC7122
Rail-to-Rail Dual Op Amp
General Description
The MIC7122 is a dual high-performance CMOS operational
amplifier featuring rail-to-rail inputs and outputs.
The input common-mode range extends beyond the rails by
300mV, and the output voltage swings to within 150
µV of
both rails when driving a 100k
Ω load.
The amplifiers operate from 2.2V to 15V and are fully
specified at 2.2V, 5V, and 15V. Gain bandwidth and slew
rate are 750kHz and 0.7V/
µs, respectively at 2.2V supply.
The MIC7122 is available in the MM8™ 8-lead MSOP
package.
Features
• Small footprint MSOP-8 package
• 350
µA supply current per op amp at 2.2V supply
• Guaranteed 2.2V, 5V, and 15V performance
• 750kHz gain-bandwidth product at 2.2V supply
• 0.01% total harmonic distortion at 1kHz (15V, 2k
Ω)
• Drives 200pF at 5V and greater supply voltages
Applications
• Battery-powered instrumentation
• PCMCIA, USB peripherals
• Portable computers and PDAs
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MM8 is a trademark of Micrel, Inc.
Pin Description
Pin Number
Pin Name
Pin Function
1 / 7
OUTA / OUTB
Amplifier Outputs
2 / 6
INA– / INB–
Inverting Inputs
3 / 5
INA+ / INB+
Noninverting Inputs
4
V–
Negative Supply: Negative supply for split supply application or ground for
single supply applications.
8
V+
Positive Supply
Pin Configuration
1
2
3
4
8
7
6
5
V+
OUT B
INB–
INB+
OUT A
IN A–
IN A+
V–
MSOP-8 (MM)
1
2
3
4
8
7
6
5
A
B
Ordering Information
Part Number
Standard
Pb-free
Temperature Range
Package
MIC7122BMM
MIC7122YMM
–40
°C to +85°C
MSOP-8


유사한 부품 번호 - MIC7122YMM

제조업체부품명데이터시트상세설명
logo
Microchip Technology
MIC7122YMM MICROCHIP-MIC7122YMM Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
MIC7122YMM-TR MICROCHIP-MIC7122YMM-TR Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results

유사한 설명 - MIC7122YMM

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
Rail to Rail Single OP AMP
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
RAIL-TO-RAIL SINGLE OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
Rail to Rail Single OP AMP
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com