| 전자부품 데이터시트 검색엔진 |
|
BAV20WS-7-F 데이터시트(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAV20WS-7-F 데이터시트(HTML) 2 Page - Diodes Incorporated |
|
2 / 4 page ![]() BAV19WS - BAV21WS Document number: DS30119 Rev. 15 - 2 2 of 4 www.diodes.com March 2010 © Diodes Incorporated BAV19WS - BAV21WS 0 120 160 200 250 200 150 50 40 80 100 0 T , AMBIENT TEMPERATURE ( C) Fig. 1 Power Derating Curve A ° Note 1 0.001 0.01 0.1 1 0 0.4 0.2 0. 6 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics F 0.8 1.2 1.0 1.4 T = 0ºC A T = 150ºC A T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A 0.0001 0.01 0.001 0.1 1 10 100 050 100 200 150 250 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics R T = -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T = 150ºC A T = 0ºC A 0.0 0.5 1.0 1.5 3.5 3.0 2.5 2.0 4.0 0 10 20 40 30 V , DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage R Ordering Information (Note 5) Part Number Case Packaging BAV19WS-7-F SOD-323 3000/Tape & Reel BAV20WS-7-F SOD-323 3000/Tape & Reel BAV21WS-7-F SOD-323 3000/Tape & Reel Notes: 5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information XX = Product Type Marking Code, See Page 1 BAV19WS Marking: T2 or T3 BAV20WS Marking: T2 or T3 BAV21WS Marking: T3 XX |