전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZXLD1100 데이터시트(PDF) 13 Page - Diodes Incorporated

부품명 ZXLD1100
상세설명  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1100 데이터시트(HTML) 13 Page - Diodes Incorporated

Back Button ZXLD1100 Datasheet HTML 8Page - Diodes Incorporated ZXLD1100 Datasheet HTML 9Page - Diodes Incorporated ZXLD1100 Datasheet HTML 10Page - Diodes Incorporated ZXLD1100 Datasheet HTML 11Page - Diodes Incorporated ZXLD1100 Datasheet HTML 12Page - Diodes Incorporated ZXLD1100 Datasheet HTML 13Page - Diodes Incorporated ZXLD1100 Datasheet HTML 14Page - Diodes Incorporated ZXLD1100 Datasheet HTML 15Page - Diodes Incorporated ZXLD1100 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
5 LED Driver for Handset Main and Sub Display LCD Backlight
ZXLD1100
SEMICO NDUC TORS
ISSUE 4 - JULY 2004
13
Circuit Diagram
Performance Graphs
Ref
Value
Package
Part Number
Manufacturer
Notes
U1
SC70-6
ZXLD1100H6
Zetex
LED Driver IC
D1
400mA
SOD323
ZHCS400
Zetex
400mA Schottky Diode
L1
10 H
CMD4D11-100MC
Sumida
1mm Height Profile
R1
6.8
0603
Generic
Generic
R2
1
100k
0603
Generic
Generic
C1
1 F
0603
Generic
Generic
C2
1 F
0603
Generic
Generic
LEDs
NSCW215
Nichia
5pcs per board
Bill of materials
Note: R2 is optional. If EN is floating add R2 to shutdown the ZXLD1100 and LEDs. If EN pin can be driven low, R2 is not necessary.
Note: LED current is set to 15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com