| 전자부품 데이터시트 검색엔진 |
|
ZXMP2120FFTA 데이터시트(PDF) 4 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
ZXMP2120FFTA 데이터시트(HTML) 4 Page - Diodes Incorporated |
|
4 / 10 page ![]() ZXMP2120FF Issue 1 - January 2007 4 www.zetex.com © Zetex Semiconductors plc 2007 Electrical characteristics (at Tamb = 25°C unless otherwise stated) Parameter Symbol Min. Max. Unit Conditions Static Drain-source breakdown voltage V(BR)DSS -200 V ID= 1mA, VGS=0V Zero gate voltage drain current IDSS -10 AVDS= -200V, VGS=0V -100 A VDS= -160V, VGS=0V, T=125C(‡) Gate-body leakage IGSS 20 nA VGS=±20V, VDS=0V Gate-source threshold voltage VGS(th) -1.5 -3.5 V ID= 250 A, VDS=VGS Static drain-source on-state resistance (*) NOTES: (*) Measured under pulsed conditions. Pulse width 300 s; duty cycle 2%. RDS(on) 28 VGS= -10V, ID= -150mA On-state drain current(*) ID(on) -300 mA VDS= -25V, VGS=-10V Forward transconductance(*) (‡) gfs 50 mS VDS= -25V, ID= -150mA Dynamic(‡) Input capacitance Ciss 100 pF VDS= -25V, VGS=0V f=1MHz Output capacitance Coss 25 pF Reverse transfer capacitance Crss 7pF Switching (†) (‡) (†) Switching characteristics are independent of operating junction temperature. (‡) For design aid only, not subject to production testing. Turn-on-delay time td(on) 7ns VDD= -25V, VGS= -10V ID= -150mA RSOURCE ≈ 50 Rise time tr 15 ns Turn-off delay time td(off) 12 ns Fall time tf 15 ns |