전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTS012A0X 데이터시트(PDF) 10 Page - Lineage Power Corporation

부품명 APTS012A0X
상세설명  12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS012A0X 데이터시트(HTML) 10 Page - Lineage Power Corporation

Back Button APTS012A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 9Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 10Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 11Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 12Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 13Page - Lineage Power Corporation APTS012A0X_10 Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Data Sheet
December 2, 2010
12V Micro TLynxTM: Non-isolated DC-DC Power Modules
4.5 – 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
LINEAGE POWER
10
Characteristic Curves (continued)
The following figures provide typical characteristics for the 12V Micro TLynx
TM at 2.5Vo and at 25oC.
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 19. Converter Efficiency versus Output Current.
Figure 20. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (100
μs /div)
Figure 21. Typical output ripple and noise (VIN = 12V, Io
= Io,max).
Figure 22. Transient Response to Dynamic Load
Change from 0% to 50% to 0%.
TIME, t (1 ms/div)
TIME, t (1 ms/div)
Figure 23. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 24. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).
70
75
80
85
90
95
100
02
4
6
8
10
12
Vin=14V
Vin=12V
Vin=4.5V
3
5
7
9
11
13
55
65
75
85
95
105
Standard Part
(85°C)
Ruggedized (D)
Part (105°C)
NC
0.5m/s
(100LFM)
1m/s
(200LFM)
1.5m/s
(300LFM)
2m/s
(400LFM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com