전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP41C 데이터시트(PDF) 3 Page - Weitron Technology

부품명 TIP41C
상세설명  NPN Silicon Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEITRON [Weitron Technology]
홈페이지  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

TIP41C 데이터시트(HTML) 3 Page - Weitron Technology

  TIP41C Datasheet HTML 1Page - Weitron Technology TIP41C Datasheet HTML 2Page - Weitron Technology TIP41C Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEI TRON
http://www.weitron.com.tw
TIP41 Series
Dim
A
A1
B
B1
C
C1
D
E
E1
G
G1
F
H
L
L 1
M in
4.47
2.52
0.71
1.17
0.31
1.17
10.01
M ax
TO-220
TO-220 Outline Dimensions
unit:mm
4.67
2.82
0.91
1.37
0.53
1.37
10.31
12.446
8.50
8.90
12.06
4.98
2.59
0.00
13.4
3.56
3.73
5.18
2.89
0.30
13.8
3.96
3.93
2.54 TYP
B
C
H
G1
G
C1
A
E
F
D
E1
A1
L1
B1
Ø
Φ
3/3
12-Aug-10



Html Pages

1 2 3