전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC171 데이터시트(PDF) 21 Page - Semtech Corporation

부품명 SC171
상세설명  1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC171 데이터시트(HTML) 21 Page - Semtech Corporation

Back Button SC171_10 Datasheet HTML 17Page - Semtech Corporation SC171_10 Datasheet HTML 18Page - Semtech Corporation SC171_10 Datasheet HTML 19Page - Semtech Corporation SC171_10 Datasheet HTML 20Page - Semtech Corporation SC171_10 Datasheet HTML 21Page - Semtech Corporation SC171_10 Datasheet HTML 22Page - Semtech Corporation SC171_10 Datasheet HTML 23Page - Semtech Corporation SC171_10 Datasheet HTML 24Page - Semtech Corporation SC171_10 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
© 2010 Semtech Corporation
inner layers to expand the heat sinking area.
On the bottom layer, the resistor network composed of
R3 and R4 determines the output voltage. C7 is the feed
forward capacitor which helps to stabilize the circuit. R6
in series with C9 is connected to the LX pin (through the
via) to the power ground. C8 is the coupling capacitor
which injects the ramp signal generated on C9 to the FB
pin of the SC171. R7 is the pull up resistor for the PGOOD
pin.
21
SC171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27