전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33793 데이터시트(PDF) 7 Page - Freescale Semiconductor, Inc

부품명 33793
상세설명  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 데이터시트(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33793
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
I/O Logic Output Levels
Output Low (IL = 1.0 mA)
Output High (IL = -500 μA)
VOL
VOH
0
0.8
0.08
0.985
0.5
1.0
V
VRO
LOGOUT Output Levels
Output Low (IL = 500 μA)
Output High (IL = -10 mA, 6.2 V < VH_CAP < 25 V)
Output High (IL = -100 μA, 6.2 V < VH_CAP < 25 V)
VLOL
VLOH1
VLOH2
0
4.7
–
0.2
5.0
–
0.5
5.3
VRO+0.5
V
Programming Time
From Positive Edge of BUSIN or BUSOUT > VTHH on Program
Command to Following Command Negative Transition < VTHH
TPROG
100
200
1000
ms
NVM BUSIN or BUSOUT Programming Voltage
NVMVP
22.25
–
30
V
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions -0.3 V
≤ VBUSIN or VBUSOUT ≤ 30 V, 5.5 V < VH_CAP < 30 V, -40°C < TA < 85°C unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com