| 전자부품 데이터시트 검색엔진 |
|
DSPIC30F2010 데이터시트(PDF) 50 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2010 데이터시트(HTML) 50 Page - Microchip Technology |
|
50 / 202 page ![]() dsPIC30F2010 DS70118J-page 50 © 2011 Microchip Technology Inc. 7.2 Erasing Data EEPROM 7.2.1 ERASING A BLOCK OF DATA EEPROM In order to erase a block of data EEPROM, the NVMADRU and NVMADR registers must initially point to the block of memory to be erased. Configure NVMCON for erasing a block of data EEPROM, and set the WR and WREN bits in NVMCON register. Setting the WR bit initiates the erase, as shown in Example 7-2. EXAMPLE 7-2: DATA EEPROM BLOCK ERASE 7.2.2 ERASING A WORD OF DATA EEPROM The NVMADRU and NVMADR registers must point to the block. Select erase a block of data Flash, and set the WR and WREN bits in NVMCON register. Setting the WR bit initiates the erase, as shown in Example 7-3. EXAMPLE 7-3: DATA EEPROM WORD ERASE ; Select data EEPROM block, ERASE, WREN bits MOV #4045,W0 MOV W0,NVMCON ; Initialize NVMCON SFR ; Start erase cycle by setting WR after writing key sequence DISI #5 ; Block all interrupts with priority <7 ; for next 5 instructions MOV #0x55,W0 ; MOV W0,NVMKEY ; Write the 0x55 key MOV #0xAA,W1 ; MOV W1,NVMKEY ; Write the 0xAA key BSET NVMCON,#WR ; Initiate erase sequence NOP NOP ; Erase cycle will complete in 2mS. CPU is not stalled for the Data Erase Cycle ; User can poll WR bit, use NVMIF or Timer IRQ to determine erasure complete ; Select data EEPROM word, ERASE, WREN bits MOV #4044,W0 MOV W0,NVMCON ; Start erase cycle by setting WR after writing key sequence DISI #5 ; Block all interrupts with priority <7 ; for next 5 instructions MOV #0x55,W0 ; MOV W0,NVMKEY ; Write the 0x55 key MOV #0xAA,W1 ; MOV W1,NVMKEY ; Write the 0xAA key BSET NVMCON,#WR ; Initiate erase sequence NOP NOP ; Erase cycle will complete in 2mS. CPU is not stalled for the Data Erase Cycle ; User can poll WR bit, use NVMIF or Timer IRQ to determine erasure complete |