전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP6541R 데이터시트(PDF) 23 Page - Microchip Technology

부품명 MCP6541R
상세설명  Push-Pull Output Sub-Microamp Comparators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6541R 데이터시트(HTML) 23 Page - Microchip Technology

Back Button MCP6541R Datasheet HTML 19Page - Microchip Technology MCP6541R Datasheet HTML 20Page - Microchip Technology MCP6541R Datasheet HTML 21Page - Microchip Technology MCP6541R Datasheet HTML 22Page - Microchip Technology MCP6541R Datasheet HTML 23Page - Microchip Technology MCP6541R Datasheet HTML 24Page - Microchip Technology MCP6541R Datasheet HTML 25Page - Microchip Technology MCP6541R Datasheet HTML 26Page - Microchip Technology MCP6541R Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
 2011 Microchip Technology Inc.
DS21696G-page 23
MCP6541/1R/1U/2/3/4
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example
:
8-Lead SOIC (150 mil)
Example
:
XXXXXXXX
XXXXYYWW
NNN
MCP6541
I/P256
1102
MCP6542
I/SN1102
256
8-Lead MSOP
Example
:
XXXXXX
YWWNNN
6543I
102256
5-Lead SOT-23 (MCP6541, MCP6541R, MCP6541U)
Example:
XXNN
AB25
5-Lead SC-70 (MCP6541)
Example:
XXNN Front)
YWW (Back)
BA25 Front)
102 (Back)
Device
I-Temp
Code
E-Temp
Code
MCP6541
ABNN
GTNN
MCP6541R
AGNN
GUNN
MCP6541U
—
ATNN
Note:
Applies to 5-Lead SOT-23
Device
I-Temp
Code
E-Temp
Code
MCP6541U
BANN
Note 2
Note
1:
I-Temp parts prior to March
2005 are marked “BAN”
2:
SC-70-5 E-Temp parts not
available at this release of
this data sheet.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
MCP6541
E/P^^256
1102
MCP6541E
SN^^1102
256
OR
OR
3
e
3
e
6543E
102256
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46