| 전자부품 데이터시트 검색엔진 |
|
HT1623 데이터시트(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1623 데이터시트(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 15 page ![]() Block Diagram Pin Assignment HT1626 Rev. 1.60 2 November 9, 2010 PATENTED V L C D W R 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 8 1 8 2 8 3 8 4 8 5 8 6 8 7 8 8 8 9 9 0 9 1 9 2 9 3 9 4 9 5 9 6 9 7 9 8 9 9 1 0 0 8 0 7 9 7 8 7 7 7 6 7 5 7 4 7 3 7 2 7 1 7 0 6 9 6 8 6 7 6 6 6 5 6 4 6 3 6 2 6 1 6 0 5 9 5 8 5 7 5 6 5 5 5 4 5 3 5 2 5 1 D A T A O S C O V D D I R Q S E G 1 7 S E G 1 8 S E G 1 9 O S C I N C N C 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 V S S T 1 B Z B Z T 2 T 3 T 4 C O M 0 C O M 1 C O M 2 C O M 3 C O M 4 N C C O M 5 C O M 6 C O M 7 C O M 8 C O M 9 C O M 1 0 C O M 1 1 C O M 1 2 N C N C N C N C N C N C N C S E G 2 4 S E G 2 5 S E G 2 7 S E G 2 6 S E G 2 9 S E G 2 8 N C N C N C N C N C N C N C N C N C N C S E G 2 0 S E G 2 1 S E G 2 2 S E G 2 3 H T 1 6 2 6 1 0 0 Q F P - A W a t c h d o g T i m e r a n d T i m e B a s e G e n e r a t o r D i s p l a y R A M L C D D r i v e r / B i a s C i r c u i t C o n t r o l a n d T i m i n g C i r c u i t D A T A W R O S C I C S R D C O M 0 C O M 1 5 S E G 0 S E G 4 7 T o n e F r e q u e n c y G e n e r a t o r B Z B Z I R Q V S S V D D V L C D O S C O |