전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SBL3045SAB 데이터시트(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

부품명 SBL3045SAB
상세설명  SCHOTTKY BARRIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
홈페이지  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL3045SAB 데이터시트(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL3045SAB Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3045SAB Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3045SAB Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3045SAB Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3045SAB Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3045SAB Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3045SAB Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R
版本
(Rev.):201003H
1/7
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
SBL3045S
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
SBL3045SZ
SBL3045S
TO-220
否
NO
条管
Tube
1.98 g(typ)
SBL3045SZR
SBL3045S
TO-220
是
YES
条管
Tube
1.98 g(typ)
SBL3045SHF
SBL3045S
TO-220HF
否
NO
条管
Tube
1.70 g(typ)
SBL3045SHF
SBL3045S
TO-220HF
是
YES
条管
Tube
1.70 g(typ)
SBL3045SAB
SBL3045S
TO-3PB
否
NO
条管
Tube
5.20 g(typ)
SBL3045SABR
SBL3045S
TO-3PB
是
YES
条管
Tube
5.20 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
30(2×15)A
VRRM
45 V
Tj
150 ℃
VF(max)
0.55V (@Tj=125℃)
封装 Package
用途
高频开关电源
低压续流电路和保护电
路
APPLICATIONS
High frequency switch
power supply
Free wheeling diodes,
polarity protection
applications
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(
RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
TO-22O
TO-22OHF
订货信息 ORDER MESSAGE
TO-3PB


유사한 부품 번호 - SBL3045SAB

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
SBL3045C BWTECH-SBL3045C Datasheet
231Kb / 3P
Low VF Schottky Barrier Rectifier
logo
Unisonic Technologies
SBL3045C UTC-SBL3045C Datasheet
164Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
logo
Zowie Technology Corpor...
SBL3045CF ZOWIE-SBL3045CF Datasheet
343Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SBL3045CFSH ZOWIE-SBL3045CFSH Datasheet
75Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SBL3045CG-TA3-T UTC-SBL3045CG-TA3-T Datasheet
164Kb / 3P
LOW DROP POWER SCHOTTKY RECTIFIER
More results

유사한 설명 - SBL3045SAB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com