전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

10F40HF 데이터시트(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

부품명 10F40HF
상세설명  FAST RECOVER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
홈페이지  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

10F40HF 데이터시트(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  10F40HF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40HF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40HF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40HF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F40HF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:
201004C
1/5
快恢复二极管
FAST RECOVER DIODE
10F40HF
订 货 型 号
Order codes
Marking
Package
Packaging
器件重量
Device Weight
10F40HF
10F40HF
TO-220HF2L
条管
Tube
2.15 g(typ)
封装 Package
用途
开关电源
PDP
通用电路
APPLICATIONS
Switch power supply
PDP
General circuits
产品特性
低功耗,高效率
高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High reliability
RoHS product
TO-22OHF2L
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
10A
VRRM
400 V
Tj(max)
175℃
VF(typ)
1.45 V
trr(typ)
22ns


유사한 부품 번호 - 10F40HF

제조업체부품명데이터시트상세설명
logo
JILIN SINO-MICROELECTRO...
10F40HF3 JSMC-10F40HF3 Datasheet
341Kb / 6P
FAST RECOVER DIODE
logo
Thinki Semiconductor Co...
10F40HF3 THINKISEMI-10F40HF3 Datasheet
270Kb / 2P
10.0 Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
logo
JILIN SINO-MICROELECTRO...
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
logo
Thinki Semiconductor Co...
10F40HF3S THINKISEMI-10F40HF3S Datasheet
620Kb / 2P
10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
10F40HF3S THINKISEMI-10F40HF3S Datasheet
268Kb / 2P
10.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
More results

유사한 설명 - 10F40HF

제조업체부품명데이터시트상세설명
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
60F60W JSMC-60F60W Datasheet
254Kb / 6P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com