전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

10F60HF 데이터시트(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

부품명 10F60HF
상세설명  FAST RECOVER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
홈페이지  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

10F60HF 데이터시트(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  10F60HF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60HF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60HF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60HF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60HF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 10F60HF Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R
10F60HF/C
版本:
201103A
5/6
TO-220C2L
单位 Unit :mm
符 号
Symbol
Min
Max
A
4.3
4.7
B1
1.1
1.4
b
0.7
0.95
c
0.4
0.65
D
15.2
16.2
D2
9.0
9.4
E
9.7
10.1
e
2.54(typ)
F
1.25
1.4
L
12.58 13.58
L2
2.8
3.2
ΦP
3.4
3.8
Q
2.6
3.0
Q1
2.2
2.6



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com