전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HBR3040 데이터시트(PDF) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

부품명 HBR3040
상세설명  SCHOTTKY BARRIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
홈페이지  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

HBR3040 데이터시트(HTML) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  HBR3040 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR3040 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR3040 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR3040 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR3040 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR3040 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR3040 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. HBR3040 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
R
HBR3040
版本
(Rev.):20100
3H
7/8
外形尺寸 PACKAGE MECHANICAL DATA
TO-3PB
单位 Unit :mm
符
号
Symbol
Min
Max
A
4.6
5.0
B
2.9
3.2
B1
1.9
2.2
b
0.9
1.10
c
0.5
0.70
D
19.4
20.4
E
15.4
15.8
e
5.45(typ)
F
1.4
1.60
L
19.5
20.5
L2
3.3
3.7
ΦP
3.1
3.5
Q
5.8
6.2
Q1
1.3
1.5
30°
30°
F
c
Q1
b
e
B
B1
E
A
φP
R
HBR3040



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com