전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC2289C 데이터시트(PDF) 2 Page - Micrel Semiconductor

부품명 MIC2289C
상세설명  White LED Driver Internal Schottky Diode and OVP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2289C 데이터시트(HTML) 2 Page - Micrel Semiconductor

  MIC2289C Datasheet HTML 1Page - Micrel Semiconductor MIC2289C Datasheet HTML 2Page - Micrel Semiconductor MIC2289C Datasheet HTML 3Page - Micrel Semiconductor MIC2289C Datasheet HTML 4Page - Micrel Semiconductor MIC2289C Datasheet HTML 5Page - Micrel Semiconductor MIC2289C Datasheet HTML 6Page - Micrel Semiconductor MIC2289C Datasheet HTML 7Page - Micrel Semiconductor MIC2289C Datasheet HTML 8Page - Micrel Semiconductor MIC2289C Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micrel, Inc.
MIC2289C
August 2007
2
M9999-081507-B
Ordering Information
Part Number
Marking
Code
Overoltage
Protection
Junction
Temp. Range
Package
Lead Finish
MIC2289C-34BD6
SM34|
34V
–40°C to +125°C
6-Pin Thin SOT-23
Standard
MIC2289C-34YD6
SM34|
34V
–40°C to +125°C
6-Pin Thin SOT-23
Pb-Free
Note
: Marking bars may not be to scale.
Pin Configuration
FB GND
EN
VOUT
SW
3
1
6
2
4
SM34
Denotes
Pb-Free
Denotes
MIC2289C
5
VIN
6- Pin Thin SOT-23 (D6)
Pin Description
Pin Number
Pin Name
Pin Name
1
SW
Switch node (Input): Internal power BIPOLAR collector.
2
GND
Ground (Return): Ground.
3
FB
Feedback (Input): Output voltage sense node. Connect the cathode of the LED to
this pin. A resistor from this pin to ground sets the LED current.
4
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regulator.
5
VIN
Supply (Input): 2.7V to 8V for internal circuitry.
6
OUT
Output Pin and Overvoltage Protection (Output): Connect to the output capacitor
and LEDs.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com