| 전자부품 데이터시트 검색엔진 |
|
891-00521CSS-0 데이터시트(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
891-00521CSS-0 데이터시트(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() © 2007 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com 40 E-Mail: sales@glenair.com 891-005 Series 89 Nanominiature Connectors Double Row Back-To-Back DOUBLE ROW NANO BACK-TO-BACK PIGTAIL DIMENSIONS Plug (Pin) Connectors Receptacle (Socket) Connectors Layout A B BSC. C BSC. In. ± .005 mm. ±0.13 In. mm. In. mm. 9P .375 9.52 .270 6.86 .160 4.06 9S .375 9.52 .270 6.86 .163 4.14 15P .450 11.43 .345 8.76 .235 5.97 15S .450 11.43 .345 8.76 .238 6.04 21P .525 13.33 .420 10.67 .310 7.87 21S .525 13.33 .420 10.67 .313 7.95 25P .575 14.60 .470 11.94 .360 9.14 25S .575 14.60 .470 11.94 .363 9.22 31P .650 16.51 .545 13.84 .435 11.05 31S .650 16.51 .545 13.84 .438 11.12 37P .725 18.41 .620 15.75 .510 12.95 37S .725 18.41 .620 15.75 .513 13.03 51P .900 22.86 .795 20.19 .685 17.40 51S .900 22.86 .795 20.19 .688 17.47 PLUG WITH “T” FEMAL THREAD OPTION RECEPTACLE WITH “J” JACKSCREW OPTION .125 (3.18) .125 (3.18) .025 (0.64) TYP .0125 (0.32) TYP .040 (1.02) .020 (0.51) PIN 1 A C B #0-80 UNF-2A, 2X .0575 (1.46) .125 (3.18) .025 (0.64) TYP .0125 (0.32) TYP .0575 (1.46) .040 (1.02) .020 (0.51) PIN 1 A C B .125 (3.18) #0-80 UNF-2B, 2X .042/.037 (1.07/0.94) .110 ± .003 (2.79 ± 0.08) .225 (5.72) .080 (2.03) .108 / .102 2.74 / 2.59 .210 (5.33) LENGTH +.5 (12.7)/-0.0 Titanium or Stainless Steel Shells Only |