전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GL100MN1MP 데이터시트(PDF) 5 Page - Sharp Corporation

부품명 GL100MN1MP
상세설명  Surface Mount Type, High Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL100MN1MP 데이터시트(HTML) 5 Page - Sharp Corporation

  GL100MN1MP Datasheet HTML 1Page - Sharp Corporation GL100MN1MP Datasheet HTML 2Page - Sharp Corporation GL100MN1MP Datasheet HTML 3Page - Sharp Corporation GL100MN1MP Datasheet HTML 4Page - Sharp Corporation GL100MN1MP Datasheet HTML 5Page - Sharp Corporation GL100MN1MP Datasheet HTML 6Page - Sharp Corporation GL100MN1MP Datasheet HTML 7Page - Sharp Corporation GL100MN1MP Datasheet HTML 8Page - Sharp Corporation GL100MN1MP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Sheet No.: D1-A00701EN
5
GL100MN1MPx
Fig. 7 Radiant Flux vs. Forward Current
Fig. 8 Relative Output vs.
Distance to Detector
0.1
100
10
1
1
100
10
1000
Ta = 25°C
Forward current IF (mA)
Pulse
(Pulse width
≤ 100 μs)
0.01
0.1
1
10
100
0.1
1
10
100
1000
(Detector: PT100MF0MP)
Distance to detector d (mm)
IF = constant
Ta = 25°C
Fig. 9 Radiation Diagram (Typical Value)
0
-10°
0°
+10°
+20°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
-90°
+30°
+40°
+50°
+60°
+70°
+80°
+90°
Angular displacement
θ
100
80
60
40
20
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com