전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC2299 데이터시트(PDF) 3 Page - Micrel Semiconductor

부품명 MIC2299
상세설명  3.5A Minimum, 2MHz High Brightness LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2299 데이터시트(HTML) 3 Page - Micrel Semiconductor

  MIC2299 Datasheet HTML 1Page - Micrel Semiconductor MIC2299 Datasheet HTML 2Page - Micrel Semiconductor MIC2299 Datasheet HTML 3Page - Micrel Semiconductor MIC2299 Datasheet HTML 4Page - Micrel Semiconductor MIC2299 Datasheet HTML 5Page - Micrel Semiconductor MIC2299 Datasheet HTML 6Page - Micrel Semiconductor MIC2299 Datasheet HTML 7Page - Micrel Semiconductor MIC2299 Datasheet HTML 8Page - Micrel Semiconductor MIC2299 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC2299
October 2007
3
M9999-101907-B
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).......................................................12V
Switch Voltage (VSW)....................................... –0.3V to 34V
BRT Voltage (VBRT) ........................................... –0.3V to 6V
Enable Voltage (VEN)....................................... –0.3V to 12V
FB Voltage (VFB)...............................................................6V
Switch Current (ISW) ..................................Internally Limited
Ambient Storage Temperature (Ts)...........–65°C to +150°C
ESD Rating
(3).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN).......................................... 2.5V to 10V
BRT Voltage (VBRT) ........................................... 0V to 0.6VIN
Enable Voltage (VEN).............................................. 0V to VIN
Output Voltage (VOUT) ................................... VIN + 1 to VOVP
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Impedance
3x3 MLF-12 (
θJA) ...............................................60°C/W
Electrical Characteristics
(4)
TA = 25°C; VIN = VEN = 3.6V; VOUT = 7V; IOUT = 1A, unless otherwise noted. Bold values indicate –40°C< TJ < +125°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Supply Voltage Range
2.5
10
V
VUVLO
Under-Voltage Lockout
1.8
2.1
2.4
V
VOVP
Over-Voltage Protection
12
13.5
15
V
IVIN
Quiescent Current
VFB >200mV, Not Switching
15
23
mA
ISD
Shutdown Current
VEN = 0V (Note 5)
0.1
1
µA
VFB
Feedback Voltage
(±8%)
(±10%) (Over Temp)
184
180
200
216
220
mV
mV
IFB
Feedback Input Current
VFB = 200mV
–450
nA
Line Regulation
2.5V
≤ VIN ≤ 4.5V
0.5
%
LED Dimming Accuracy
(% of V VFBNOM), Note 6
VBRT = GND
RBRT = 50K
17
45
20
50
23
55
%
%
DMAX
Maximum Duty Cycle
90
%
ISW
Switch Current Limit
VIN = 3V
3.5
4.75
8
A
VSW
Switch Saturation Voltage
VIN = 3.6V, ISW = 3.5A
350
500
mV
ISW
Switch Leakage Current
VEN = 0V, VSW = 10V
0.01
10
µA
VEN
Enable Threshold
TURN ON
TURN OFF
1.5
0.4
V
V
IEN
Enable Pin Current
VEN = 10V
20
40
µA
fSW
Oscillator Frequency
MIC2299
1.75
2
2.3
MHz
ISS
Soft start / DIM current
DIM = 0V
5
µA
150
°C
TJ
Over-Temperature Threshold
Shutdown
Hysteresis
10
°C
Notes:
1. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating
the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(Max), the
junction-to-ambient thermal resistance,
θ JA, and the ambient temperature, TA. The maximum allowable power dissipation will result in excessive die
temperature, and the regulator will go into thermal shutdown.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.
5. ISD = IVIN
6. As percentage of full brightness where VIN = VBRT = 3.6V (100% brightness)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com