| 전자부품 데이터시트 검색엔진 |
|
MIC2569 데이터시트(PDF) 13 Page - MIC GROUP RECTIFIERS |
|
|
|||||||||||||||||||||||||||||
MIC2569 데이터시트(HTML) 13 Page - MIC GROUP RECTIFIERS |
|
13 / 15 page ![]() Micrel, Inc. MIC2569 September 2007 13 M9999-092507-C (408) 944-0800 Application Information CableCARD™ Operating Modes The OpenCable system has a host component (S-Host or M-Host) and a card component (S-Card or M-Card). The host / card combination determines which operational mode is used i.e. S-Mode or M-Mode. This in turn determines the appropriate state diagram. Table 3 below shows all of the combinations and operating modes. S-Host M-Host S-Card S-Mode S-Mode or No power M-Card S-Mode M-Mode Table 3 Operating Mode Combinations An M-Host has the choice to accept or not accept an S- Card. If the M-Host accepts the S-Card then the M-Host will initiate a change from M-Mode to S-Mode. Otherwise, the M-Host will not power-up the S-Card. S-Host After power-up, the S-Host remains in state 0 [000] unless one of two events occurs: 1. CIS Request – The CableCard™ may request that the Vpp outputs be provided with 5VIN, that is, enter state 1 [001]. It is the S-Host decision whether to provide the Vpp outputs with 5VIN. The S-Host has two possible options. a. If the S-Host refuses to provide 5VIN, then the S-Host does not change to state 1 [001] and will remain in state 0 [000], even upon card removal. See paragraph 2 below. b. If the S-Host grants 5VIN, then S-Host changes to state 1 [001]. The S-Host remains in state 1 [001] without returning. See paragraph 2 below. 2. Card removal – Upon card removal, the S-Host has two possible options: a. The S-Host changes directly to state 0 [000], regardless of the state at card was removed. b. The S-Host has the option to pass through state 6 [110] to remove any excessive voltage or charge on the Vpp outputs. The S-Host then returns to state 0 [000]. Figure 1 shows S-Mode power state diagram. Figure 1 S-Host Power State Diagram M-Host 1. Power-up - Upon power-up, M-Host two options: a. Move directly the state 2 [010] b. Pass through state 7 [111] to remove any excess voltage or charge, then move to state 2 [010] 2. No Card – M-Host will remain in state 2 [010] until card insertion. 3. Card Detection – If the M-Host detects that the inserted card is an M-card, then the M- Host will change to state 3 [011]. This informs the card that the host is an M-Host. 4. Card ID – The M-Host uses the card identification process to determine what type of card it is and what modes the card can operate in. There are three options: a. If the card is an M-Card, then the M- Host will change to state 4 [100] and remain in state 4 [100] until card removal. b. If the card is an S-Card able to support CH1, then the M-Host will reset the card and power-up in S-Mode. The card will remain in S-Mode until card removal. c. If the card is not an M-Card, or an S- Card not able to support Ch1, then power will not be provided to the card. The card will remain without power and not change state until card removal. |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |