| 전자부품 데이터시트 검색엔진 |
|
BL-R4530N_V1 데이터시트(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP |
|
|
|||||||||||||||||||||||||||||
BL-R4530N_V1 데이터시트(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP |
|
4 / 5 page ![]() %",& #"%%)*"+,! $%++$- $)$$!*$+"!&"& $%+,!&+,!% $%.#+ /$"+,!)$ 01 22 30 ,!!$*+4+5"/,4$)6- "6!&$,,-+$-/$"+.$ $%++-$675% 8 5$-/$"+.$ 5.-&+9 +," $ 30 "62 6:;:; $%++-$65% 8 5$-/$"+.$ +," $ 222 30 5"6 $%++-$675% 8 !&."!*$ $%+ ,4$-/$"+.$ +," $ 30 ,4"6 $%++-$675% 8 $-/$"+.$9*#! 0 0 22 30 < << -!-!-!-! $%+-$6*9*#$ 8 5$-"#5,*= 0 0 22 < -!-! $%+-$6*9*#$ 8 ,#&$$%%+"!*$ 0 30 %,#61 4$##-$6%$* 8 ,#&$">#+9 2 01 22 30 %,#6 4$##-$6%$* 8 !?,!-$!+"# $@+ $"&$!&! +$%% 01 30 <:<>$!&7*9*#$% '$ 5+ 8 3((( $"%.! +$-% 9->,# $"%.! *,!&+,!% 3.& $-$!+*+$"),)"#.$ (,4"&?,#+" $ )6- ?$@ $?$%$*.$!+ 6 ?$@ .-!,.%!+$!%+9 ? )6- $#,4@ ,+$%-$"!%+5$.//$#-+,)%/$*)$&*5""*+$%+*% -$"!%!+"#?"#.$ $"%.-$!+%5"##>$+"=$!>$+4$$!5,.%"!&")+$+5$+$%+/$*$%5"?$>$$!$+.!$&+,!,-"# "->$!+*,!&+,!%")+$*,-/#$+,!,)$"*5+$%+ |