전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2S3RB0F 데이터시트(PDF) 15 Page - Sharp Corporation

부품명 S2S3RB0F
상세설명  Non-zero cross type Mini-Flat Package Phototriac Coupler for triggering
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S2S3RB0F 데이터시트(HTML) 15 Page - Sharp Corporation

Back Button S2S3RB0F Datasheet HTML 8Page - Sharp Corporation S2S3RB0F Datasheet HTML 9Page - Sharp Corporation S2S3RB0F Datasheet HTML 10Page - Sharp Corporation S2S3RB0F Datasheet HTML 11Page - Sharp Corporation S2S3RB0F Datasheet HTML 12Page - Sharp Corporation S2S3RB0F Datasheet HTML 13Page - Sharp Corporation S2S3RB0F Datasheet HTML 14Page - Sharp Corporation S2S3RB0F Datasheet HTML 15Page - Sharp Corporation S2S3RB0F Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
2. 750pcs/reel
Package materials
Carrier tape : A-PET (with anti-static material)
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
[Packing : 750pcs/reel]
Reel structure and Dimensions
Direction of product insertion
S2S3 Series
Sheet No.: D2-A06501EN
A
12.0±0.3
B
5.5±0.1
C
1.75±0.1
D
8.0±0.1
E
2.0±0.1
H
7.4±0.1
I
0.3±0.05
J
3.1±0.1
K
4.0±0.1
F
4.0±0.1
G
φ1.5+0.1
−0
FE
I
D
J
G
Dimensions List
(Unit : mm)
K
a
180
b
13.5±1.5
c
80±1.0
d
13±0.5
e
21±1.0
f
2.0±0.5
g
2.0±0.5
Dimensions List
(Unit : mm)
f
b
a
e
g
d
Pull-out direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16