| 전자부품 데이터시트 검색엔진 |
|
81XXG-AE3-5-R 데이터시트(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
81XXG-AE3-5-R 데이터시트(HTML) 4 Page - Unisonic Technologies |
|
4 / 6 page ![]() 81XX LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 4 of 6 www.unisonic.com.tw QW-R119-001,Na ELECTRICAL CHARACTERISTICS(Cont.) PARAMETER SYMBOL (Note 1) TEST CONDITIONS MIN TYP MAX UNIT Circuit Current at ON Time ICCL 3 VCC=VSS min.-0.05V, RL=∞ 3 5 µA Circuit Current at OFF Time ICCH 3 VCC=VSS typ./0.85, RL=∞ 3 5 µA “H” Transmission Delay Time TpLH (Note 2) 4 CL=100pF, RL=4.7kΩ 20 60 µS “L” Transmission Delay Time TpHL (Note 3) 4 CL=100pF, RL=4.7kΩ 20 60 µS Operating Threshold Voltage VOPL 1 RL=4.7kΩ, VOL≤0.4V 0.65 0.85 V Output current at ON Time 1 IOL1 2 RL=0, VCC=Vs min.-0.05V, VOUT=0.4V 5 mA Output current at ON Time 2 IOL2 2 TA=-20~+75°C RL=0, VCC=VSS min.-0.15V VOUT=0.4V 3 mA Note: 1. 2. 3. MEASUREMENT CIRCUIT TpLH: VCC=(VSS Typ. –0.4V) -> (VSS Typ. +0.4V) TpHL: VCC=(VSS Typ. +0.4V) -> (VSS Typ. -0.4V) |