| 전자부품 데이터시트 검색엔진 |
|
BT151L-5-TN3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BT151L-5-TN3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD BT151 SCR www.unisonic.com.tw 1 of 5 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R301-017,C SCRS DESCRIPTION Passivated thyristors in a plastic envelope, intended for use in applications requiring high bidirectional blocking voltage capability and high thermal cycling performance. Typical applications include motor control, industrial and domestic lighting, heating and static switching. SYMBOL 1 TO-252 TO-220 1 ORDERING INFORMATION Order Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing BT151L-5-TA3-T BT151G-5-TA3-T TO-220 K A G Tube BT151L-5-TN3-R BT151G-5-TN3-R TO-252 K A G Tape Reel BT151L-6-TA3-T BT151G-6-TA3-T TO-220 K A G Tube BT151L-6-TN3-R BT151G-6-TN3-R TO-252 K A G Tape Reel BT151L-8-TA3-T BT151G-8-TA3-T TO-220 K A G Tube BT151L-8-TN3-R BT151G-8-TN3-R TO-252 K A G Tape Reel Note: Pin assignment: K: CATHODE A: ANODE G: GATE |
유사한 부품 번호 - BT151L-5-TN3-R |
|
유사한 설명 - BT151L-5-TN3-R |