| 전자부품 데이터시트 검색엔진 |
|
CP43B-RGS 데이터시트(PDF) 1 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
CP43B-RGS 데이터시트(HTML) 1 Page - Cree, Inc |
|
1 / 8 page ![]() 1 Subject to change without notice. www.cree.com/ledlamps Cree® P4 LED CP43B-RGS/AGS Data Sheet This revolutionary package design allows the lighting designer to reduce the number of LEDs required and provide a more uniform and unique illuminated appearance than with other LED solutions. This is possible through the efficient optical package design and high current capabilities. The low profile package can be easily coupled with reflectors or lenses to efficiently distribute light and provide the desired lit appearance. This product family employs green and blue LED materials, which allow designers to match the color of many lighting applications like vehicle signal lamps and amusement lighting. FEATURES • Size (mm): 7.6 x 7.6 • Color and Typical Dominant Wavelength (nm): Red (624) Amber (591) • Luminous Intensity (mcd) Red (2130 - 8200) Amber (2130 - 8200) • Lead-Free • RoHS Compliant APPLICATIONS • Channel Letter • Amusement |
유사한 부품 번호 - CP43B-RGS |
|
유사한 설명 - CP43B-RGS |