전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTD3010PM 데이터시트(PDF) 1 Page - Marktech Corporate

부품명 MTD3010PM
상세설명  Photo Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTD3010PM 데이터시트(HTML) 1 Page - Marktech Corporate

  MTD3010PM_2 Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MTD3010PM
Photo Diode
2.ELECTRICAL & OPTICAL CHARACTERISTICS (Ta=25℃)
SYMBOL
MIN
TYP
MAX
UNIT
Voc
0.35
V
Light Current
IL
VR=10V,Ee=5mW/cm
2
30
μA
ID
10
nA
CF
0.55
λ
nm
λp
900
nm
Rt
0.18
A/W
Rt
0.58
A/W
θ
±60
deg
Cj
60
100
pF
① Cathode
② Anode
FEATURES
・Linearity of Ee vs IL
Dimensions (Unit:mm)
・Low Dark Current
・Wide Angular Response
・High Reliability in Demanding Environments
APPLICATIONS ・Optical Switches
・Edge Sensing
・Fiber Optical Communications
・Smoke Detectors
1. ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
SYMBOL
UNIT
VR
V
PD
mW
Topr
Tstg
Tj
Tls
*1:Time 5 Sec max,Position:Up to 3mm from the body
400~1100
30
100
Peak Sensitivity Wave Length
Responsivity
Responsivity
VR=0V,λ=450mm
CONDITIONS
Ee=5mW/cm
2
Ee=5mW/cm
2
I T E M
Open Circuit Voltage
Curve Factor
Dark Current
VR=10V
VR=0V,λ=900mm
at 1MHz ,V=0V
※ Color Temperature=2870°K Standard Tungsten Lump
Angular Response
Junction Capacitance
125
260
Storage Temp.
Junction Temp.
Lead Soldering Temp.*1
Operating Temp.
-40 TO 125
-30 TO 100
Spectral Sensitivity
I T E M
Reverse Voltage
Power Dissipation
RATINGS
THERMAL DERATING CURVE
0
20
40
60
80
100
120
-40 -20
0
20
40
60
80 100 120
AMBIENT TEMPERATURE(℃)
CAPACITANCE vs REVERSE
VOLTAGE
0
10
20
30
40
50
60
70
80
0
5
10
15
20
REVERSE VOLTAGE(V)
RESPONSIVITY
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
400
500
600
700
800
900
1000
1100
1200
WAVELENGTH(nm)
ANGULAR DISPLACEMENT
0
20
40
60
80
100
120
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT(deg.)
LIGHT CURRENT vs IRRADIANCE
0
20
40
60
80
0
5
10
IRRADIANCE(mW/cm
2)
To purchase this part contact
Marktech Optoelectronics at
800.984.5337
Optoelectronics
www.marktechopto.com
Marktech


유사한 부품 번호 - MTD3010PM_2

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTD3010PM MARKTECH-MTD3010PM_11 Datasheet
589Kb / 3P
Peak Sensitivity Wavelength: 900nm
MTD3010PM MARKTECH-MTD3010PM_15 Datasheet
589Kb / 3P
Photo Diode
More results

유사한 설명 - MTD3010PM_2

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
PHOTO DIODE
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
Photo Diode
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B_15 Datasheet
551Kb / 3P
Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
Photo Diode
MTD6100PT MARKTECH-MTD6100PT_15 Datasheet
561Kb / 3P
Photo Diode
logo
Renesas Technology Corp
NDL5461P RENESAS-NDL5461P Datasheet
193Kb / 10P
PHOTO DIODE
1994
NDL5481P RENESAS-NDL5481P Datasheet
195Kb / 10P
PHOTO DIODE
1994
NDL5506P RENESAS-NDL5506P Datasheet
185Kb / 1P
PHOTO DIODE
1993
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
PHOTO DIODE
1996
NR8360JP-BC RENESAS-NR8360JP-BC Datasheet
770Kb / 9P
PHOTO DIODE
2008
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com