| 전자부품 데이터시트 검색엔진 |
|
R5F562TADDFP 데이터시트(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F562TADDFP 데이터시트(HTML) 7 Page - Renesas Technology Corp |
|
7 / 94 page ![]() R01DS0096EJ0100 Rev.1.00 Page 7 of 92 Apr 20, 2011 RX62T Group 1. Overview Note 1. O: Supported, : Not supported Note 2. * For the MTU and GPT, the number of pins will differ with the package. See the list of pins and pin functions for details. In addition, the CAN module is an optional function. Table 1.2 Functions of RX62T Group Products Functions RX62T Group Pin number 112 Pin 100 Pin 80 Pin 64 Pin Data transfer Data transfer controller (DTC) O Interrupt control unit (ICU) Input on the NMI pin O Input on the IRQ pins O (8) O (4) Timers Multi-function timer pulse unit 3 (MTU3) O O* General PWM timer (GPT) O O* Port output enable 3 (POE3) O (POE pins: 5) O (POE pins: 3) Compare match timer (CMT) O Watchdog timer (WDT) O Independent watchdog timer (IWDT) O Communication function Serial communications interface (SCI) O I2C bus interface (RIIC) O CAN module (CAN) (as an optional function) O LIN module (LIN) O Serial peripheral interface (RSPI) O 12-bit A/D converter (S12ADA) O (4 ch. x 2 units) Simultaneous sampling on three channels O (2 units) Programmable gain amplifier O (3 ch. x 2 units) Window comparator O (3 ch. x 2 units) 10-bit A/D converter (ADA) O (12 ch.) O (4 ch.) ¾ CRC calculator (CRC) O I/O ports I/O pins 61 55 44 37 Input pins 21 21 13 9 Package LQFP2020 (0.65-mm pitch) LQFP1414 (0.5-mm pitch) LQFP1414 (0.65-mm pitch) LQFP1010 (0.5-mm pitch) |