| 전자부품 데이터시트 검색엔진 |
|
R5F562T7DDFM 데이터시트(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F562T7DDFM 데이터시트(HTML) 27 Page - Renesas Technology Corp |
|
27 / 94 page ![]() R01DS0096EJ0100 Rev.1.00 Page 27 of 92 Apr 20, 2011 RX62T Group 1. Overview Multi-function timer pulse unit 3 (MTU3) MTIOC0A-A/MTIOC0A-B MTIOC0B-A/MTIOC0B-B MTIOC0C, MTIOC0D I/O The MTU0.TGRA to MTU0.TGRD input capture input/output compare output/PWM output pins. MTIOC1A, MTIOC1B I/O The MTU1.TGRA and MTU1.TGRB input capture input/output compare output/PWM output pins. MTIOC2A, MTIOC2B I/O The MTU2.TGRA and MTU2.TGRB input capture input/output compare output/PWM output pins. MTIOC3A, MTIOC3B MTIOC3C, MTIOC3D I/O The MTU3.TGRA and MTU3.TGRD input capture input/output compare output/PWM output pins. Pins MTIOC3B and MTIOC3D can be used for large-current output. MTIOC4A, MTIOC4B MTIOC4C, MTIOC4D I/O The MTU4.TGRA and MTU4.TGRD input capture input/output compare output/PWM output pins. These pins can be used for large-current output. MTIC5U, MTIC5V, MTIC5W Input The MTU5.TGRU, MTU5.TGRV, and MTU5.TGRW input capture input/dead time compensation input pins. Not included in the 80-/64-pin versions. MTIOC6A, MTIOC6B MTIOC6C, MTIOC6D I/O The MTU6.TGRA to MTU6.TGRD input capture input/output compare output/PWM output pins. Pins MTIOC6B and MTIOC6D can be used for large-current output. The MTIOC6A/MTIOC6C pin is not included in the 80-pin version. The MTIOC6A/MTIOC6B/MTIOC6C pin is not included in the 64-pin version. MTIOC7A, MTIOC7B MTIOC7C, MTIOC7D I/O The MTU7.TGRA to MTU7.TGRD input capture input/output compare output/PWM output pins. These pins can be used for large-current output. The MTIOC7D pin is not included in the 80-/64-pin versions. MTCLKA-A/MTCLKA-B MTCLKB-A/MTCLKB-B MTCLKC-A/MTCLKC-B/ MTCLKC-C MTCLKD-A/MTCLKD-B/ MTCLKD-C Input Input pins for external clock signals. The MTCLKA-B/MTCLKB-B/ MTCLKC-C/MTCLKD-C pin is not included in the 64-pin version. General PWM timer (GPT) GTIOC0A-A/GTIOC0A-B GTIOC0B-A/GTIOC0B-B I/O The GPT0.GTCCRA and GPT0.GTCCRB CCRB input capture input/output compare output/PWM output pins. Pins GTIOC0A-A and GTIOC0B-A can be used for large- current output. GTIOC1A-A/GTIOC1A-B GTIOC1B-A/GTIOC1B-B I/O The GPT1.GTCCRA and GPT1.GTCCRB input capture input/ output compare output/PWM output pins. Pins GTIOC1A-A and GTIOC1B-A can be used for large- current output. GTIOC2A-A/GTIOC2A-B GTIOC2B-A/GTIOC2B-B I/O The GPT2.GTCCRA and GPT2.GTCCRB input capture input/ output compare output/PWM output pins. Pins GTIOC2A-A and GTIOC2B-A can be used for large- current output. The GTIOC2B-B pin is not included in the 80- pin version. GTIOC3A, GTIOC3B I/O The GPT3.GTCCRA and GPT3.GTCCRB input capture input/ output compare output/PWM output pins. Not included in the 80-/64-pin versions. GTETRG Input External trigger input pin for the GPT Port output enable 3 (POE3) POE0#, POE4#, POE8# POE10#-A/POE10#-B POE11# Input Input pins for request signals to place the MTU3 and GPT large-current pins in the high impedance state. The POE4#/ POE10#-B/POE11# pin is not included in the 64-pin version. Watchdog timer (WDT) WDTOVF# Output Output pin for the counter-overflow signal in watchdog-timer mode. Not included in the 100-/80-/64-pin versions. Table 1.8 Pin Functions (2 / 4) Classifications Pin Name I/O Description |