전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC4100 데이터시트(PDF) 15 Page - Linear Technology

부품명 LTC4100
상세설명  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 데이터시트(HTML) 15 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 11Page - Linear Technology LTC4100 Datasheet HTML 12Page - Linear Technology LTC4100 Datasheet HTML 13Page - Linear Technology LTC4100 Datasheet HTML 14Page - Linear Technology LTC4100 Datasheet HTML 15Page - Linear Technology LTC4100 Datasheet HTML 16Page - Linear Technology LTC4100 Datasheet HTML 17Page - Linear Technology LTC4100 Datasheet HTML 18Page - Linear Technology LTC4100 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
LTC1760
15
1760fa
2.2 Data Bit Definition of Supported SMBus Functions.
Function
LTC1760
SMBus
Mode
Access
SMBus
Address
Command
Code
Data
Type
Data Bit or Nibble Definition/Allowed Values
(See section 2.3 for Details)
D15 D14 D13 D12 D11 D10 D09 D08 D07 D06 D05 D04 D03 D02 D01 D00
BatterySystemState()
Slave
Read/
Write
7-bit:
0001_010b
8-bit:
0
×14
0
×01
Status/
Control
0
0 0/1 0/1 0
0 0/1 0/1 0
0 0/1 0/1 0
0 0/1 0/1
BatterySystemStateCont()
Slave
Read/
Write
7-bit:
0001_010b
8-bit:
0
×14
0
×02
Status/
Control
0
0
0
0
0
0 0/1 0/1 0
0/1 0/1 0/1 0/1 1 0/1 0/1
BatterySystemInfo()
Slave
Read
7-bit:
0001_010b
8-bit:
0
×14
0
×04
Status
RESERVED
RESERVED
BATTERY
SYSTEM
REVISION
BATTERY
SUPPORTED
0
0
0
0
0
0
0
0
1
0
0
0
0
0
1
1
LTC()
Slave
Read/
Write
7-bit:
0001_010b
8-bit:
0
×14
0
×3C
Status/
Control
0/1 0
0
0
0
0
0
1
0/1 0
0
0
0
0
0
1
BatteryMode()
Master
Read
7-bit:
0001_011b
8-bit:
0
×16
0
×03
Status
0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1 0/1
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48