| 전자부품 데이터시트 검색엔진 |
|
BTM7745G 데이터시트(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTM7745G 데이터시트(HTML) 22 Page - Infineon Technologies AG |
|
22 / 24 page ![]() Data Sheet 22 Rev. 1.0, 2010-05-28 High Current H-Bridge BTM7745G Package Outlines 8 Package Outlines HLGF1145 9.73 1.67 2) Does not include dambar protrusion of 0.05 max. per side 1) Does not include plastic or metal protrusion of 0.15 max. per side 1 18 36 19 0.65 0.33 0.35 x 45˚ -0.2 1) 7.6 10.3 0.7±0.2 ±0.3 Index Marking 1) 12.8-0.2 0.17 M C A-B D 36x ±0.08 2) C D A B PG-DSO-36-20, -29, -34, -43, -44-PO V05 C 0.1 36x SEATING PLANE 17 x 0.65 = 11.05 Ejector Mark Depth 0.2 MAX. Footprint Figure 14 PG-DSO-36-29 (Plastic Green Dual Small Outline Package) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). For further information on alternative packages, please visit our website: http://www.infineon.com/packages. Dimensions in mm |