| 전자부품 데이터시트 검색엔진 |
|
PIC24FV32KA301 데이터시트(PDF) 92 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FV32KA301 데이터시트(HTML) 92 Page - Microchip Technology |
|
92 / 320 page ![]() PIC24FV32KA304 FAMILY DS39995B-page 92 2011 Microchip Technology Inc. REGISTER 8-10: IFS5: INTERRUPT FLAG STATUS REGISTER 5 U-0 U-0 U-0 U-0 U-0 U-0 U-0 U-0 — — — — — — — — bit 15 bit 8 U-0 U-0 U-0 U-0 U-0 U-0 U-0 R/W-0, HS — — — — — — —ULPWUIF bit 7 bit 0 Legend: HS = Hardware Settable bit R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-1 Unimplemented: Read as ‘0’ bit 0 ULPWUIF: Ultra Low-Power Wake-up Interrupt Flag Status bit 1 = Interrupt request has occurred 0 = Interrupt request has not occurred |