전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FV32KA302 데이터시트(PDF) 72 Page - Microchip Technology

부품명 PIC24FV32KA302
상세설명  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA302 데이터시트(HTML) 72 Page - Microchip Technology

Back Button PIC24FV32KA302 Datasheet HTML 68Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 69Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 70Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 71Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 72Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 73Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 74Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 75Page - Microchip Technology PIC24FV32KA302 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 320 page
background image
PIC24FV32KA304 FAMILY
DS39995B-page 72
 2011 Microchip Technology Inc.
6.4.3
READING THE DATA EEPROM
To read a word from data EEPROM, the table read
instruction is used. Since the EEPROM array is only
16 bits wide, only the TBLRDL instruction is needed.
The read operation is performed by loading TBLPAG
and WREG with the address of the EEPROM location
followed by a TBLRDL instruction.
A typical read sequence, using the Table Pointer
management
(builtin_tblpage
and
builtin_tbloffset
)
and
table
read
(builtin_tblrdl) procedures from the C30
compiler library, is provided in Example 6-5.
Program Space Visibility (PSV) can also be used to
read locations in the data EEPROM.
EXAMPLE 6-5:
READING THE DATA EEPROM USING THE TBLRD COMMAND
int __attribute__ ((space(eedata))) eeData = 0x1234;
// Global variable located in EEPROM
int data;
// Data read from EEPROM
unsigned int offset;
// Set up a pointer to the EEPROM location to be erased
TBLPAG = __builtin_tblpage(&eeData);
// Initialize EE Data page pointer
offset = __builtin_tbloffset(&eeData);
// Initizlize lower word of address
data = __builtin_tblrdl(offset);
// Write EEPROM data to write latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More