전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSJ504_SOT-23 데이터시트(PDF) 1 Page - Micross Components

부품명 LSJ504_SOT-23
상세설명  Current Regulator Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

LSJ504_SOT-23 데이터시트(HTML) 1 Page - Micross Components

  LSJ504_SOT-23 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
The Linear Systems LSJ504 is a ± 20% range current regulator
LSJ504
Current Regulator Diode
LSJ504 Applications:
Constant-Current Supply
Current-Limiting
Timing Circuits
The LSJ504 is a ±20% range current regulator designed for
demanding applications in test equipment and instrumentation.
The LSJ504 utilizes JFET techniques to produce a single two-
leaded device which is extremely simple to operate.
Two-Lead Plastic Package
Guaranteed ±20% Tolerance
Operation up to 45V
Excellent Temperature Stability
Simple Series Circuitry, No Separate Voltage Source
Tight Guaranteed Circuit Performance
Excellent Performance in Low-Voltage/Battery Circuits
and High-Voltage Spike Protection
High Circuit Stability vs. Temperature
Linear Systems replaces discontinued Siliconix J504
Notes:
1. Absolute maximum ratings are limiting values above which serviceability may be impaired.
2. Pulsed, t = 2ms. Maximum VF where IF < 1.1IF(max).
3. Pulsed, t = 2ms. Continuous currents may vary.
4. Pulsed, t = 2ms. Continuous impedances may vary.
5. Min VF required to ensure IF = 0.8IF(min).
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
Please contact Micross for full package and die dimensions
LSJ504 Availability:
SOT-23
Bare die
45V
350mW
LSJ504


유사한 부품 번호 - LSJ504_SOT-23

제조업체부품명데이터시트상세설명
logo
Micross Components
LSJ504_TO-92 MICROSS-LSJ504_TO-92 Datasheet
535Kb / 1P
Current Regulator Diode
More results

유사한 설명 - LSJ504_SOT-23

제조업체부품명데이터시트상세설명
logo
Micross Components
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
Current Regulator Diode
J506_TO-92 MICROSS-J506_TO-92 Datasheet
531Kb / 1P
Current Regulator Diode
J510_TO-92 MICROSS-J510_TO-92 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_SOT-23 MICROSS-LSJ501_SOT-23 Datasheet
543Kb / 1P
Current Regulator Diode
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
Current Regulator Diode
LSJ503_TO-92 MICROSS-LSJ503_TO-92 Datasheet
535Kb / 1P
Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
Current Regulator Diode
SST506_SOT-23 MICROSS-SST506_SOT-23 Datasheet
324Kb / 1P
Current Regulator Diode
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com