| 전자부품 데이터시트 검색엔진 |
|
16F1827 데이터시트(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
16F1827 데이터시트(HTML) 19 Page - Microchip Technology |
|
19 / 406 page ![]() 2011 Microchip Technology Inc. DS41391D-page 19 PIC16(L)F1826/27 3.1.1 READING PROGRAM MEMORY AS DATA There are two methods of accessing constants in pro- gram memory. The first method is to use tables of RETLW instructions. The second method is to set an FSR to point to the program memory. 3.1.1.1 RETLW Instruction The RETLW instruction can be used to provide access to tables of constants. The recommended way to create such a table is shown in Example 3-1. EXAMPLE 3-1: RETLW INSTRUCTION The BRW instruction makes this type of table very sim- ple to implement. If your code must remain portable with previous generations of microcontrollers, then the BRW instruction is not available so the older table read method must be used. constants BRW ;Add Index in W to ;program counter to ;select data RETLW DATA0 ;Index0 data RETLW DATA1 ;Index1 data RETLW DATA2 RETLW DATA3 my_function ;… LOTS OF CODE… MOVLW DATA_INDEX call constants ;… THE CONSTANT IS IN W |