전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC32MX795F512LT-80I/PF 데이터시트(PDF) 198 Page - Microchip Technology

부품명 PIC32MX795F512LT-80I/PF
상세설명  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF 데이터시트(HTML) 198 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 194Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 195Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 196Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 197Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 198Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 199Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 200Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 201Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 256 page
background image
PIC32MX5XX/6XX/7XX
DS61156G-page 198
© 2009-2011 Microchip Technology Inc.
FIGURE 31-4:
POWER-ON RESET TIMING CHARACTERISTICS
VDD
VPOR
Note 1: The power-up period will be extended if the power-up sequence completes before the device exits from BOR
(VDD < VDDMIN).
2: Includes interval voltage regulator stabilization delay.
SY00
Power-up Sequence
(Note 2)
Internal Voltage Regulator Enabled
(TPU)
SY10
CPU Starts Fetching Code
Clock Sources = (HS, HSPLL, XT, XTPLL and SOSC)
VDD
VPOR
SY00
Power-up Sequence
(Note 2)
Internal Voltage Regulator Enabled
(TPU)
(TSYSDLY)
CPU Starts Fetching Code
(Note 1)
(Note 1)
Clock Sources = (FRC, FRCDIV, FRCDIV16, FRCPLL, EC, ECPLL and LPRC)
(TOST)
SY02
(TSYSDLY)
SY02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More