전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC32MX795F512LT-80I/PF 데이터시트(PDF) 82 Page - Microchip Technology

부품명 PIC32MX795F512LT-80I/PF
상세설명  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF 데이터시트(HTML) 82 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 78Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 79Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 80Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 81Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 82Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 83Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 84Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 85Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 256 page
background image
6630 U6RXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
RX8
Receive Register
0000
6640
U6BRG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
BRG<15:0>
0000
6800 U2MODE(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
IREN
RTSMD
—
UEN<1:0>
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL<1:0>
STSEL
0000
6810
U2STA(1)
31:16
—
—
—
—
—
—
—
ADM_EN
ADDR<7:0>
0000
15:0
UTXISEL<1:0>
UTXINV
URXEN
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
0110
6820
U2TXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
TX8
Transmit Register
0000
6830 U2RXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
RX8
Receive Register
0000
6840
U2BRG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
BRG<15:0>
0000
6A00 U5MODE(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
FRZ
SIDL
IREN
—
—
—
—
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL<1:0>
STSEL
0000
6A10
U5STA(1)
31:16
—
—
—
—
—
—
—
ADM_EN
ADDR<7:0>
0000
15:0
UTXISEL<1:0>
UTXINV
URXEN
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
0110
6A20 U5TXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
TX8
Transmit Register
0000
6A30 U5RXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
RX8
Receive Register
0000
6A40
U5BRG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
BRG<15:0>
0000
TABLE 4-13:
UART1 THROUGH UART6 REGISTER MAP (CONTINUED)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 12.1.1 “CLR, SET and INV Registers” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More