전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC32MX795F512LT-80I/PF 데이터시트(PDF) 225 Page - Microchip Technology

부품명 PIC32MX795F512LT-80I/PF
상세설명  High-Performance, USB, CAN and Ethernet 32-bit Flash Microcontrollers
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX795F512LT-80I/PF 데이터시트(HTML) 225 Page - Microchip Technology

Back Button PIC32MX795F512LT-80I/PF Datasheet HTML 221Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 222Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 223Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 224Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 225Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 226Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 227Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 228Page - Microchip Technology PIC32MX795F512LT-80I/PF Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 256 page
background image
© 2009-2011 Microchip Technology Inc.
DS61156G-page 225
PIC32MX5XX/6XX/7XX
32.0 PACKAGING INFORMATION
32.1
Package Marking Information
PIC32MX575F
512H-80I/PT
0510017
3
e
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator ( )
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
64-Lead TQFP (10x10x1 mm)
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
100-Lead TQFP (12x12x1 mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC32MX575F
512L-80I/PT
0510017
3
e
100-Lead TQFP (14x14x1 mm)
XXXXXXXXXXXX
XXXXXXXXXXXX
YYWWNNN
Example
PIC32MX575F
512L-80I/PF
0510017
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More