전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5415CSM4 데이터시트(PDF) 1 Page - Seme LAB

부품명 2N5415CSM4
상세설명  PNP PLANAR EPITAXIAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5415CSM4 데이터시트(HTML) 1 Page - Seme LAB

  2N5415CSM4 Datasheet HTML 1Page - Seme LAB 2N5415CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABSOLUTE MAXIMUM RATINGS T
case = 25°c unless otherwise stated
2N5415CSM4
2N5416CSM4
Prelim. 02/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCBO
Collector – Base Voltage (IE=0)
VCEO(sus)
Collector – Emitter Voltage (IB=0)
VEBO
Emitter – Base Voltage (IC=0)
IC
Collector Current
IB
Base Current
Ptot
Total Device Dissipation at TA £ 25°C
Tstg
Storage Temperature
TJ
Junction Temperature
Rth-j-amb
Thermal Resistance Junction - Ambient
1A
0.5A
1W
–65 to +200°C
175°C
150°C/W
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
PNP PLANAR EPITAXIAL TRANSISTOR
IN A HERMETICALLY SEALED CERAMIC
SURFACE MOUNT PACKAGE FOR HIGH
RELIABILITY APPLICATIONS
FEATURES
• Silicon Planar PNP Transistor
• Hermetic Ceramic Surface Mount Package
• CECC Screening Options
• Space quality Options
LCC3 PACKAGE
Underside View
PAD 1 – Collector
PAD 2 – N/C
PAD 3 – Emitter
PAD 4 – Base
2N5415
2N5416
-200V
-200V
-4V
-350V
-300V
-6V


유사한 부품 번호 - 2N5415CSM4

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N5415CSM4 SEME-LAB-2N5415CSM4 Datasheet
82Kb / 3P
SILICON PLANAR EPITAXIAL PNP TRANSISTOR
2N5415CSM4 SEME-LAB-2N5415CSM4_11 Datasheet
82Kb / 3P
SILICON PLANAR EPITAXIAL PNP TRANSISTOR
More results

유사한 설명 - 2N5415CSM4

제조업체부품명데이터시트상세설명
logo
Seme LAB
2N2857CSM SEME-LAB-2N2857CSM Datasheet
19Kb / 2P
HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3209CSM SEME-LAB-2N3209CSM Datasheet
20Kb / 2P
HIGH SPEED, PNP, SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3637CSM SEME-LAB-2N3637CSM Datasheet
15Kb / 2P
PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX17CSM SEME-LAB-BCX17CSM Datasheet
16Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2916DCSM SEME-LAB-2N2916DCSM Datasheet
47Kb / 2P
DUAL NPN PLANAR TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N869AXCSM SEME-LAB-2N869AXCSM Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications
2N3250CSM SEME-LAB-2N3250CSM Datasheet
27Kb / 2P
GENERAL PURPOSE PNP TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3637CSM SEME-LAB-2N3637CSM_08 Datasheet
27Kb / 2P
PNP SILICON TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2