| 전자부품 데이터시트 검색엔진 |
|
PB2MSB10T1UTEVC3B 데이터시트(PDF) 1 Page - GREATECS |
|
|
|||||||||||||||||||||||||||||
PB2MSB10T1UTEVC3B 데이터시트(HTML) 1 Page - GREATECS |
|
1 / 2 page ![]() Pushbutton Switches Sealed Snap-Acting Pushbutton Switches PB2 Series PB2MSB10T1_ _ _ _ _ General Specifications: MATERIALS » Movable Contact & Fixed Terminals: AG, GT, UG & UGT: Silver plated over copper alloy AU & UT: Gold over nickel plated over copper alloy MECHANICAL » Operating Temperature: -30°C to +85°C » Mechanical Life: 50,000 cycles at full load » Cap Installation Force: 10 Ibs, max. permissible CONTACT RATING » AG, GT, UG & UGT: 3A 120VAC/28VDC 1A 250VAC » AU & UT: 0.4VA max. 20V max. (AC/DC) ELECTRICAL » Contact Resistance: 20m Ω max. initial @ 2-4VDC 100mA for silver & gold plated contacts » Insulation Resistance: 1,000M Ω min. PB2 How to order: 1 2 3 5 sales@greatecs.com www.greatecs.com 6 4 C A B C D E F G K H CAP COLOR: Black (Standard) White Red Orange Yellow Green Blue Brown Gray MS MD B10 B20 B40 T1 T2 T5 T6 T6N T7 T7N VS2 V2N VS3 SWITCHING & POLES: ON-MOM SPDT ON-MOM DPDT BUSHING: 8.80 mm high 8.80 mm high 6.10 mm high TERMINALS: Solder Lug PC thru-hole Wire wrap Right angle, PC thru-hole Right abgle, snap-in, PC thru hole Vertical right angle, PC thru hole Vertical right angle, snap-in, PC thru hole 11.68 mm high, V-bracket 11.68 mm high, snap-in V-bracket 16.00 mm high, V-bracket AG AU UT GT UG UGT E blank V C1 C2 C3 C4 CONTACT MATERIAL: Silver Gold Gold, tin-lead Silver, tin-lead Gold over ilver Gold over silver, tin-lead SEAL: Epoxy (Standard) ROHS & LEAD FREE: RoHS compliant RoHS & lead free CAP: Cap1 Cap2 Cap3 Cap4 1 2 3 4 5 6 7 8 7 8 PB2MDB10T1_ _ _ _ _ PB2MSB40T6_ _ _ _ _ PB2MDB40T6_ _ _ _ _ PB2MSB40T7_ _ _ _ _ 1 2 3 |
유사한 부품 번호 - PB2MSB10T1UTEVC3B |
|
유사한 설명 - PB2MSB10T1UTEVC3B |