| 전자부품 데이터시트 검색엔진 |
|
200HFR 데이터시트(PDF) 2 Page - Make-Ps |
|
|
|||||||||||||||||||||||||||||
200HFR 데이터시트(HTML) 2 Page - Make-Ps |
|
2 / 4 page ![]() E EN NV VIIR RO ON NM ME EN NT TA ALL S SPPEECCIIFFIICCA AT TIIO ON NS S O OU UT TLLIIN NE E D DRRA AW WIIN NG G P PIIN N O OU UT T C CH HA AR RT T P PH HY YS SIIC CA ALL C CH HA AR RA AC CT TE ER RIIS ST TIIC CS S Unit/Comments 1.25 X 0.8 X 0.4 inches (31.8 X 20.3 X 10.2 mm) Non-conductive Black Plastic UL94V-0 14 Grams Notes: 1. Unless otherwise specified dimensions are in inches (mm). Tolerances Inches mm X.XX = ±0.02 X.X = ±0.5 X.XXX= ±0.010 X.XX = ±0.25 Pin : ±0.002 ±0.05 .600 [15.24] .10 [2.5] .80 [20.3] .020 (.50) TYP. PIN DIA. .100 [2.54] TYP. .08 [2.0] BOTTOM VIEW 24 23 1 2 13 12 15 14 11 .15 [3.8] 1.25 [31.8] SIDE VIEW .40 [10.2] 10 .800 [20.32] Case Size Case Material Flammability Weight Unit/Comments o C; Ambient o C % Humidity; non- condensing Free-Air Convection Operating Temp. Range Storage Temp. Range Relative Humidity Cooling Min -25 -40 Typ Max +71 +125 95 NC = No Connection Pins 1, 2 23, 24 15 13 10, 11 12, 14 Single +Vin - Vin NC + Vout NC - Vout NC -Dual +Vin -Vin +Vout - Vout ± COMMON NC NC All specifications are typical at nominal input, nominal load and 25 ° C unless otherwise specified. External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation. >> 2 www.make-ps.com E-mail:info@make-ps.com |