| 전자부품 데이터시트 검색엔진 |
|
200HFS 데이터시트(PDF) 2 Page - Make-Ps |
|
|
|||||||||||||||||||||||||||||
200HFS 데이터시트(HTML) 2 Page - Make-Ps |
|
2 / 4 page ![]() E EN NV VIIR RO ON NM ME EN NT TA ALL S SPPEECCIIFFIICCA AT TIIO ON NS S O OU UT TLLIIN NE E D DRRA AW WIIN NG G P PIIN N O OU UT T C CH HA AR RT T P PH HY YS SIIC CA ALL C CH HA AR RA AC CT TE ER RIIS ST TIIC CS S Unit/Comments 0.77 X 0.30 X 0.40 inches (19.5 X 7.6 X 10.2 mm) Non-Conductive Black Plastic UL94V-0 2.7 Grams Case Size Case Material Flammability Weight Unit/Comments o C; Ambient o C; Case o C % Humidity; non- condensing Free-Air Convection Operating Temp. Range Operating Temp. Range Storage Temp. Range Relative Humidity Cooling Min -40 -25 -40 Typ Max +70 +90 +125 95 Notes: 1. Unless otherwise specified dimensions are in inches (mm). Tolerances Inches mm X.XX = ±0.02 X.X = ±0.5 X.XXX= ±0.010 X.XX = ±0.25 Pins 1 2 4 5 6 Single + Vin - Vin - Vout No Pin + Vout Dual + Vin -Vin -Vout Common + Vout SIDE VIEW BOTTOM VIEW 0.77 (19.5) 0.09 (2.1) 0.100 (2.54) 0.13 (3.2) 0.73 (18.5) 0.02 (0.5) 1 2 4 5 6 All specifications are typical at nominal input, nominal load and 25 ° C unless otherwise specified. External, low ESR, 10 microfarad (minimum) capacitor across output is recommended for operation. >> B-30 www.make-ps.com E-mail:info@make-ps.com |