전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAU1373BCBZ-R7 데이터시트(PDF) 136 Page - Analog Devices

부품명 ADAU1373BCBZ-R7
상세설명  Low Power Codec with Speaker and Headphone Amplifier
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADAU1373BCBZ-R7 데이터시트(HTML) 136 Page - Analog Devices

Back Button ADAU1373BCBZ-R7 Datasheet HTML 132Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 133Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 134Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 135Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 136Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 137Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 138Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 139Page - Analog Devices ADAU1373BCBZ-R7 Datasheet HTML 140Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 296 page
background image
ADAU1373
Rev. 0 | Page 136 of 296
PLLA_CTRL6 REGISTER
Address: 0x2E, Reset: 0x02, Name: PLLA_CTRL6
PLLA Control/Status
Table 80. Bit Descriptions for PLLA_CTRL6
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
RW
3
DPLLA_LOCKED
DPLLA Lock Indicator. DPLLA lock status indicator.
0x0
R
1
Digital PLLA locked
0
Digital PLLA unlocked
2
PLLA_LOCKED
PLLA Lock Indicator. PLLA lock status indicator.
0x0
R
1
Analog PLLA locked
0
Analog PLLA unlocked
1
DPLLA_BYPASS
DPLLA Bypass. DPLLA bypass select.
0x1
RW
0
DPLL in PLLA not bypassed
1
DPLL in PLLA bypassed
0
PLLA_EN
PLLA Enable Setting. PLLA enable/disable control.
0x0
RW
0
PLLA disable
1
PLLA enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More