전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9643-210EBZ 데이터시트(PDF) 21 Page - Analog Devices

부품명 AD9643-210EBZ
상세설명  14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9643-210EBZ 데이터시트(HTML) 21 Page - Analog Devices

Back Button AD9643-210EBZ Datasheet HTML 17Page - Analog Devices AD9643-210EBZ Datasheet HTML 18Page - Analog Devices AD9643-210EBZ Datasheet HTML 19Page - Analog Devices AD9643-210EBZ Datasheet HTML 20Page - Analog Devices AD9643-210EBZ Datasheet HTML 21Page - Analog Devices AD9643-210EBZ Datasheet HTML 22Page - Analog Devices AD9643-210EBZ Datasheet HTML 23Page - Analog Devices AD9643-210EBZ Datasheet HTML 24Page - Analog Devices AD9643-210EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD9643
Rev. A | Page 21 of 36
0
–20
–40
–60
–80
–100
–120
–140
10
0
20
30
40
50
60
70
80
90 100 110 120
FREQUENCY (MHz)
250MSPS
184.12MHz @ –7dBFS
187.12MHz @ –7dBFS
SFDR = 87dBc (94dBFS)
Figure 36. AD9643-250 Two-Tone FFT with fIN1 = 184.12, fIN2 = 187.12 MHz,
fS = 250 MSPS
100
95
90
85
80
75
70
220
200
180
160
140
120
100
80
60
40
240
SAMPLE RATE (MSPS)
SNR, CHANNEL B
SFDR, CHANNEL B
SNR, CHANNEL A
SFDR, CHANNEL A
Figure 37. AD9643-250 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90.1 MHz
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
N + 2 N + 3 N + 4 N + 5
N + 1
N
N – 1
N – 2
N – 3
N – 4
N – 5
OUTPUT CODE
1.33LSB rms
16,378 TOTAL HITS
Figure 38. AD9643-250 Grounded Input Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com